PART |
Description |
Maker |
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LT3427 |
1.25MHz Synchronous Step-Up DC/DC Converter
|
Linear Technology
|
RT8057A GRM31CR71A106KA01 GRM31CR71A475KA01 |
2.25MHz 1A Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
EUP3290 |
2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics
|
JMK107BJ475RA JMK107BJ106MA GRM219R60J106KE19 GRM2 |
Dual 1A, 1.25MHz Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
LTC3410-1.875 LTC3410ESC6-1.875 |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3410 |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology Corporation
|
LTC3448 3448F LTC3448EMS8E LTC3448EDD |
From old datasheet system 1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
|
Linear Technology
|
LTC3407EDD-2PBF LTC3407IDD-2PBF LTC3407EMSE-2PBF L |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|